Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download UF5404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
UF5400 THRU UF5408
3 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
DO-201AD
Features
* * * * High Surge Capability Low Leakage Low Forward Voltage Drop Ultra Fast Switching Speed For High Efficiency
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance 20C/W Device Maximum Maximum Catalog Marking Recurrent RMS Number Peak Reverse Voltage Voltage UF5400 --50V 35V UF5401 --100V 70V UF5402 --200V 140V UF5404 --400V 280V UF5406 --600V 420V UF5407 --800V 560V UF5408 --1000V 700V Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage UF5400-5402 UF5404 UF5406-UF5408 IF(AV) IFSM 3A 100A Maximum DC Blocking Voltage 50V 100V 200V 400V 400V 800V 1000V
D
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
TA = 55C 8.3ms, half sine
D
C
VF
Reverse Current At IR TA = 25C Rated DC Blocking TA = 100C Voltage (Maximum DC) Maximum Reverse Recovery Time 50ns IF=0.5A, IR=1.0A, UF5400-5404 Trr 75ns Irr=0.25A UF5406-5408 Typical Junction Capacitance 75pF Measured at UF5400-5404 CJ 50pF 1.0MHz, VR=4.0V UF5406-5408 *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
1.0V 1.3V 1.7V 10A 50A
IFM = 3.0A; TA = 25C
DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40
DIM A B C D
MAX .370 .250 .052 ---
MAX 9.50 6.40 1.30 ---
NOTE
www.cnelectr.com
UF5400 thru UF5408
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 UF5406 - UF5408 .5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 1.0 UF5400 - UF5404 25C 2.0 3.0 Figure 2 Forward Derating Curve
1.5
Figure 3 Junction Capacitance UF5400 - UF5404 100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 UF5406 - UF5408
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
UF5400 thru UF5408
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 TJ=100C 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A 100 120 140 TJ=25C 25 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 Amps TJ=150C Figure 5 Peak Forward Surge Current 150 125 100 75 50
2
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of UF5404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X